Part Number Hot Search : 
XL2006 BD45272G 10180F 1524S MMBD4 DP368 HC908 BAS70BRW
Product Description
Full Text Search
 

To Download 2950116 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  phoenix contact inc., usa page 1 / 4 http://www.phoenixcon.com mar 24, 2010 extract from the online catalog ? emg 45-dio14p order no.: 2950116 the illustration shows a combination of versions emg 22-dio 7 p, emg 45- dio14 p and emg 90-dio 32 p http://eshop.phoenixcontact.de/phoenix/treeviewclick.do?uid=2950116 ? ? diode module, for extension with 14 1n 4007 diodes, with a common cathode ? commercial data ean 4017918083960 pack 5 pcs. customs tariff 85411000 weight/piece 0.09046 kg catalog page information page 664 (if-2009) product notes weee/rohs-compliant since: 05/15/2006 http:// www.download.phoenixcontact.com please note that the data given here has been taken from the online catalog. for comprehensive information and data, please refer to the user documentation. the general terms and conditions of use apply to internet downloads. technical data general data diode type 1 n 4007 max. operating voltage 250 v ac peak reverse voltage per diode 1300 v reverse current per diode 5 a
emg 45-dio14p order no.: 2950116 http://eshop.phoenixcontact.de/phoenix/treeviewclick.do?uid=2950116 phoenix contact inc., usa page 2 / 4 http://www.phoenixcon.com mar 24, 2010 conducting state voltage per diode approx. 0.8 v conducting state current per diode 0.7 a (with single load) 0.2 a (with simultaneous loads) width 45 mm height 55 mm depth 75 mm ambient temperature (operation) -20 c ... 50 c ambient temperature (storage/transport) -40 c ... 70 c surge voltage category iii, basic insulation (as per en 50178) mounting position any assembly instructions in rows with zero spacing connection data conductor cross section solid min. 0.2 mm2 conductor cross section solid max. 4 mm2 conductor cross section stranded min. 0.2 mm2 conductor cross section stranded max. 2.5 mm2 conductor cross section awg/kcmil min. 24 conductor cross section awg/kcmil max 12 stripping length 8 mm screw thread m3 type of connection screw connection certificates / approvals certification gost accessories item designation description marking 2947035 emg-gks 12 equipment marker, width 12 mm
emg 45-dio14p order no.: 2950116 http://eshop.phoenixcontact.de/phoenix/treeviewclick.do?uid=2950116 phoenix contact inc., usa page 3 / 4 http://www.phoenixcon.com mar 24, 2010 diagrams/drawings circuit diagram
emg 45-dio14p order no.: 2950116 http://eshop.phoenixcontact.de/phoenix/treeviewclick.do?uid=2950116 phoenix contact inc., usa page 4 / 4 http://www.phoenixcon.com mar 24, 2010 address phoenix contact inc., usa 586 fulling mill road middletown, pa 17057,usa phone (800) 888-7388 fax (717) 944-1625 http://www.phoenixcon.com ? 2010 phoenix contact technical modifications reserved;


▲Up To Search▲   

 
Price & Availability of 2950116

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X